|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Ordering number:EN1720A PNP/NPN Epitaxial Planar Silicon Transistors 2SA1415/2SC3645 High-Voltage Switching, Predriver Applications Features * Adoption of FBET process. * High breakdown voltage (VCEO=160V). * Excellent linearity of hFE and small Cob. * Fast switching speed. * Very small size marking it easy to provide highdensity, small-sized hybrid ICs. Package Dimensions unit:mm 2038 [2SA1415/2SC3645] E : Emitter C : Collector B : Base ( ) : 2SA1415 Specifications Absolute Maximum Ratings at Ta = 25C Parameter Collector-to-Base Voltage Collector-to-Emitter Voltage Emitter-to-Base Voltage Collector Current Collector Current (Pulse) Collector Dissipation Junction Temperature Storage Temperature Symbol VCBO VCEO VEBO IC ICP PC1 PC2 Tj Tstg Conditions SANYO : PCP (Bottom view) Ratings (-)180 (-)160 (-)5 (-)140 (-)200 500 Unit V V V mA mA mW W Moutned on ceramic board (250mm2x0.8mm) 1.3 150 -55 to +150 C C Electrical Characteristics at Ta = 25C Parameter Collector Cutoff Current Emitter Cutoff Current DC Current Gain Gain-Bandwidth Product Output Capacitance Collector-to-Emitter Saturation Voltage Turn-ON Time Storage Time Fall Time Symbol ICBO IEBO hFE fT Cob VCE(sat) ton tstg tf VCB=(-)80V, IE=0 VEB=(-)4V, IC=0 VCE=(-)5V, IC=(-)10mA VCE=(-)10V, IC=(-)10mA VCB=(-)10V, f=1MHz IC=(-)50mA, IB=(-)5mA See sepcified Test Circuit. See sepcified Test Circuit. See sepcified Test Circuit. 100* 150 (4.0) 3.0 (-0.14) 0.07 0.1 1.5 0.1 (-0.4) 0.3 Conditions Ratings min typ max (-)100 (-)100 400* MHz pF pF V V s s s Unit nA nA * : The 2SA1415/2SC3645 are classified by 10mA hFE as follows : 100 R 200 140 S 280 200 T 400 Marking 2SA1415 : AA 2SC3645 : CA hFE rank : R, S, T SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquaters TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN 71598HA (KT)/3277KI/2145MW, TS No.1720-1/4 2SA1415/2SC3645 Switching Time Test Circuit (For PNP, the polarity is reversed) Unit (resistance : , capacitance : F) No.1720-2/4 2SA1415/2SC3645 No.1720-3/4 2SA1415/2SC3645 No products described or contained herein are intended for use in surgical implants, life-support systems, aerospace equipment, nuclear power control systems, vehicles, disaster/crime-prevention equipment and the like, the failure of which may directly or indirectly cause injury, death or property loss. Anyone purchasing any products described or contained herein for an above-mentioned use shall: Accept full responsibility and indemnify and defend SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors and all their officers and employees, jointly and severally, against any and all claims and litigation and all damages, cost and expenses associated with such use: Not impose any responsibilty for any fault or negligence which may be cited in any such claim or litigation on SANYO ELECTRIC CO., LTD., its affiliates, subsidiaries and distributors or any of their officers and employees jointly or severally. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of July, 1998. Specifications and information herein are subject to change without notice. PS No.1720-4/4 This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of 2SC3645 |